Part Number Hot Search : 
45ATQ 5Y563 VCO19 29F200 MC74AC 76055 TPS621 AOW15S65
Product Description
Full Text Search
 

To Download DA03D0303A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc02s/d series 2w dc/dc converter, dip-package, high isolation ds_dc02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 64% ? regulated outputs ? short circuit protection ? high isolation voltage 6000vdc ? low leakage current ? low isolation capacitance ? low ripple & noise ? complies with en55022 class a ? lead free, rohs compliant ? 3 years product warranty the dc02s/d series are miniature, dip package, isolated 2w dc/dc converters with ultra- high 6,000vdc isolation . it offers sho rt circuit protection and allows a wide operating temperature range of ?25c to +75c.these isolated dc/dc converters are the late st offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions model list output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load reflected ripple current max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) ma (typ.) uf % dc02s0505a 5 400 645 62 dc02s0512a 12 165 629 63 dc02s0515a 15 133 623 680 64 dc02d0505a 5 100 476 42 dc02d0512a 12 83 699 57 dc02d0515a 5 (4.5 ~ 5.5) 15 66 0 695 100 15 270* 57 dc02s1205a 5 400 269 62 dc02s1212a 12 165 262 63 dc02s1215a 15 133 260 680 64 dc02d1205a 5 100 185 45 dc02d1212a 12 83 281 59 dc02d1215a 12 (10.8 ~ 13.2) 15 66 0 280 50 8 270* 59 dc02s2405a 5 400 134 62 dc02s2412a 12 165 131 63 dc02s2415a 15 133 130 680 64 dc02d2405a 5 100 93 45 dc02d2412a 12 83 143 58 dc02d2415a 24 (21.6 ~ 26.4) 15 66 0 142 30 3 270* 58 * for each output
ds_dc02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit 5v input models 4.5 5 5.5 12v input models 10.8 12 13.2 input voltage range 24v input models 21.6 24 26.4 5v input models -0.7 --- 7.5 12v input models -0.7 --- 15 input surge voltage (1 sec. max.) 24v input models -0.7 --- 30 vdc reverse polarity input current --- --- 0.5 a short circuit input power --- --- 2000 mw internal power dissipation --- --- 2000 mw conducted emi all models compliance to en 55022,class a and fcc part 15,class a output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 2.0 4.0 % output voltage balance dual output, balanced loads --- 2.0 4.0 % line regulation vin=min. to max. --- 0.3 0.5 % load regulation io=10% to 100% --- 0.5 1.0 % ripple & noise (20mhz) --- 30 50 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 100 mv p-p ripple & noise (20mhz) --- --- 15 mv rms temperature coefficient --- 0.01 0.02 %/ short circuit protection continuous general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 6000 --- --- vdc i/o isolation test voltage flash tested for 1 second 8000 --- --- v pk leakage current 240vac, 60hz --- --- 2 ua i/o isolation resistance 500 vdc 10 --- --- g ? i/o isolation capacitance 100khz, 1v --- 20 30 pf switching frequency 25 --- 80 khz mtbf(calculated) mil-hdbk-217f@25 , ground benign 600,000 --- --- hours recommended input fuse 5v input models 12v input models 24v input models 1000ma slow-blow type 500ma slow-blow type 250ma slow-blow type environmental characteristics parameter conditions min. max. unit operating temperature range (with derating) ambient -25 +75 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260 p2
ds_dc02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc power derating curve output power (%) notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0-20 mhz. 3 all dc/dc converters should be externally fused at the front end for protection. 4 specifications subject to change without notice. mechancial drawing mechanical dimensions pin connections pin single output dual output 1 +vin +vin 2 +vin +vin 10 no pin common 11 no pin common 12 -vout no pin 13 +vout -vout 15 no pin +vout 23 -vin -vin 24 -vin -vin ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pin pitch tolerance: 0.25 (0.01) physical outline case size : 31.8x20.3x10.2mm (1.25x0.8x0.40 inches) case material : non-conductive black plastic (flammability to ul 94v-0 rated) weight : 12.4g p3 bottom view 1 2 10 11 12 13 15 23 24 20.32 [0.80] 31.8 [1.25] 15.22 [0.60] 20.3 [0.80] 2.54 [0.10] 10.2 [0.40] 0.50 [0.02] 5.08 [0.20] 2.0 [0.08] 3.8 [0.15] 2.54 [0.10]
ds_dc02s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc part numbering system d c 02 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three(3) years limited warranty. complete warranty information is listed on our web site or is available upon re quest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p4


▲Up To Search▲   

 
Price & Availability of DA03D0303A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X